Part Number Hot Search : 
KE200 BU48A 280C06K AMT8310 FXT549 ADSX34 CDBA120L M4502
Product Description
Full Text Search
 

To Download DHRB34A102M2BB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  murata manufacturing co., ltd. cat.no.c41e-2 high voltage ceramic capacitors dc10-40kv high voltage ceramic capacitors please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
1 2 3 contents ! note ?please read rating and ! caution (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning , etc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specification or transact the approval sheet for product specification before ordering. recycled paper recycled paper 1 2 3 part numbering 2 radial lead type dhr series (dc10-15kv) 3 specifications and test methods 5 typical characteristics data/packaging 7 dhr series ! caution/notice 8 mold type dhs n4700 series (dc10-40kv) 10 typical characteristics data / specifications and test methods 12 mold type dhs z5v series (dc20-40kv) 13 typical characteristics data 14 specifications and test methods 15 dhs series ! caution and notice 16 iso9000 certifications 18 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. (global part number) high voltage ceramic capacitors (over 10kv) t capacitance expressed by three figures. the unit is pico-farad (pf). the first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two numbers. if there is a decimal point, it is expressed by the capital letter " r ". in this case, all figures are significant digits. first three digits of part number ( q product id and w series category) express "series name". 2 t 101 y m q dh u 2b r 4a e b3 w r i b q product id code temp. char. temp. range b z5v zm n4700 b3 f4 4e t 10% w 22%, y 82% y 4700 t 1000ppm/ d y 25 to w 85 d w 10 to w 85 d w 20 to w 85 d cap. change or temp. coeff. e temperature characteristics w series category r rated voltage rated voltage code 4a 4b 4c 4d 4f 4g dc10kv dc12kv dc15kv dc20kv dc30kv dc40kv y capacitance tolerance u lead type ( dhr series) i packaging contents code r s radial type mold type capacitance tolerance code k m z t 10% t 20% w 80%, y 20% lead type code 2b 2f straight long lead spacing 9.5mm 12.7mm lead diameter ?.65mm ?.8mm product id dh high voltage ceramic capacitors (over 10kv) packaging code b bulk u body diameter and terminal type ( dhs series) body diameter code c2 d2 h2 l2 n2 r2 t2 cx dx hx lx nx rx tx 20mm 24mm 30mm 38mm 43mm 52mm 60mm 20mm 24mm 30mm 38mm 43mm 52mm 60mm terminal type iso m4, p0.7 tapped holes (metric screw thread) no.8-32, nc-2b tapped holes (inch screw thread) o part numbering please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
3 1 ! note please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. high voltage ceramic capacitors dc10-40kv radial lead type dhr series (dc10-15kv) n features 1. small size 2. excellent heat-proof, humidity-proof and high- dielectric strength voltage. 3. coated with flame-retardant epoxy resin. n applications 1. color tv doublers and triplers 2. high voltage dc power supplies (ppcs, x-ray apparatus, air cleaner, lasers, etc.) 3. tuning capacitor in focus circuit for display (in mm) t max. f d 0.05 f 2 d max. 4.0 max. d+1.0 max. 35.0 min. n marking temp. char. nominal body dia. ? 8mm ? 9mm and 10mm ? 11mm to 14mm ? 15mm to 18mm nominal capacitance capacitance tolerance rated voltage manufacturer's identification manufactured date temperature characteristics nominal body dia. ? 8mm nominal body dia. ? 9 and 10mm nominal body dia. ? 11 to 14mm nominal body dia. ? 15mm min. omitted marked with (dot) marked with code. marked with z. under 100pf : actual value, 100pf and over : marked with 3 figures. marked with code, omitted for nominal body diameter ?8mm and under. marked with code. marked with , omitted for nominal body diameter ?14mm and under. abbreviation, omitted for nominal body diameter ?14mm and under. (ex.) 0 0 5 0 : last numeral in year : fix no. : number in the month omitted marked with code. zm 102kz 10k 0050 221k 10k zm 471k 10k b 102mb 10k 0050 221m 10k 101 10k 101 10k b 471m 10k 1 3 2 1 2 3 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
4 1 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . z m c h a r a c t e r i s t i c s p a r t n u m b e r r a t e d v o l t a g e ( k v ) c a p a c i t a n c e ( p f ) b o d y d i a . d ( m m ) l e a d s p a c i n g f ( m m ) b o d y t h i c k n e s s t ( m m ) l e a d d i a . ? d ( m m ) d h r 4 e 4 a 1 0 1 k 2 b b d c 1 0 1 0 0 + 1 0 , - 1 0 % 8 . 0 9 . 5 7 . 0 0 . 6 5 d h r 4 e 4 a 1 5 1 k 2 b b d c 1 0 1 5 0 + 1 0 , - 1 0 % 8 . 0 9 . 5 7 . 0 0 . 6 5 d h r 4 e 4 a 2 2 1 k 2 b b d c 1 0 2 2 0 + 1 0 , - 1 0 % 9 . 0 9 . 5 7 . 0 0 . 6 5 d h r 4 e 4 a 3 3 1 k 2 b b d c 1 0 3 3 0 + 1 0 , - 1 0 % 1 0 . 0 9 . 5 7 . 0 0 . 6 5 d h r 4 e 4 a 4 7 1 k 2 b b d c 1 0 4 7 0 + 1 0 , - 1 0 % 1 2 . 0 9 . 5 7 . 0 0 . 6 5 d h r 4 e 4 a 6 8 1 k 2 b b d c 1 0 6 8 0 + 1 0 , - 1 0 % 1 3 . 0 9 . 5 7 . 0 0 . 6 5 d h r 4 e 4 a 1 0 2 k 2 b b d c 1 0 1 0 0 0 + 1 0 , - 1 0 % 1 5 . 0 9 . 5 7 . 0 0 . 6 5 d h r 4 e 4 b 1 0 1 k 2 b b d c 1 2 1 0 0 + 1 0 , - 1 0 % 8 . 0 9 . 5 7 . 3 0 . 6 5 d h r 4 e 4 b 1 5 1 k 2 b b d c 1 2 1 5 0 + 1 0 , - 1 0 % 9 . 0 9 . 5 7 . 3 0 . 6 5 d h r 4 e 4 b 2 2 1 k 2 b b d c 1 2 2 2 0 + 1 0 , - 1 0 % 9 . 0 9 . 5 7 . 3 0 . 6 5 d h r 4 e 4 b 3 3 1 k 2 b b d c 1 2 3 3 0 + 1 0 , - 1 0 % 1 1 . 0 9 . 5 7 . 3 0 . 6 5 d h r 4 e 4 b 4 7 1 k 2 b b d c 1 2 4 7 0 + 1 0 , - 1 0 % 1 2 . 0 9 . 5 7 . 3 0 . 6 5 d h r 4 e 4 b 6 8 1 k 2 b b d c 1 2 6 8 0 + 1 0 , - 1 0 % 1 4 . 0 9 . 5 7 . 3 0 . 6 5 d h r 4 e 4 b 1 0 2 k 2 b b d c 1 2 1 0 0 0 + 1 0 , - 1 0 % 1 6 . 0 9 . 5 7 . 3 0 . 6 5 d h r 4 e 4 c 1 0 1 k 2 b b d c 1 5 1 0 0 + 1 0 , - 1 0 % 8 . 0 9 . 5 8 . 2 0 . 6 5 d h r 4 e 4 c 1 5 1 k 2 b b d c 1 5 1 5 0 + 1 0 , - 1 0 % 9 . 0 9 . 5 8 . 2 0 . 6 5 d h r 4 e 4 c 2 2 1 k 2 b b d c 1 5 2 2 0 + 1 0 , - 1 0 % 1 0 . 0 9 . 5 8 . 2 0 . 6 5 d h r 4 e 4 c 3 3 1 k 2 b b d c 1 5 3 3 0 + 1 0 , - 1 0 % 1 2 . 0 9 . 5 8 . 2 0 . 6 5 d h r 4 e 4 c 4 7 1 k 2 b b d c 1 5 4 7 0 + 1 0 , - 1 0 % 1 3 . 0 9 . 5 8 . 2 0 . 6 5 d h r 4 e 4 c 6 8 1 k 2 b b d c 1 5 6 8 0 + 1 0 , - 1 0 % 1 5 . 0 9 . 5 8 . 2 0 . 6 5 d h r 4 e 4 c 1 0 2 k 2 f b d c 1 5 1 0 0 0 + 1 0 , - 1 0 % 1 8 . 0 1 2 . 7 8 . 2 0 . 8 b c h a r a c t e r i s t i c s p a r t n u m b e r r a t e d v o l t a g e ( k v ) c a p a c i t a n c e ( p f ) b o d y d i a . d ( m m ) l e a d s p a c i n g f ( m m ) b o d y t h i c k n e s s t ( m m ) l e a d d i a . ? d ( m m ) d h r b 3 4 a 1 0 1 m 2 b b d c 1 0 1 0 0 + 2 0 , - 2 0 % 8 . 0 9 . 5 7 . 0 0 . 6 5 d h r b 3 4 a 1 5 1 m 2 b b d c 1 0 1 5 0 + 2 0 , - 2 0 % 8 . 0 9 . 5 7 . 0 0 . 6 5 d h r b 3 4 a 2 2 1 m 2 b b d c 1 0 2 2 0 + 2 0 , - 2 0 % 9 . 0 9 . 5 7 . 0 0 . 6 5 d h r b 3 4 a 3 3 1 m 2 b b d c 1 0 3 3 0 + 2 0 , - 2 0 % 1 0 . 0 9 . 5 7 . 0 0 . 6 5 d h r b 3 4 a 4 7 1 m 2 b b d c 1 0 4 7 0 + 2 0 , - 2 0 % 1 2 . 0 9 . 5 7 . 0 0 . 6 5 d h r b 3 4 a 6 8 1 m 2 b b d c 1 0 6 8 0 + 2 0 , - 2 0 % 1 3 . 0 9 . 5 7 . 0 0 . 6 5 d h r b 3 4 a 1 0 2 m 2 b b d c 1 0 1 0 0 0 + 2 0 , - 2 0 % 1 5 . 0 9 . 5 7 . 0 0 . 6 5 d h r b 3 4 b 1 0 1 m 2 b b d c 1 2 1 0 0 + 2 0 , - 2 0 % 8 . 0 9 . 5 7 . 7 0 . 6 5 d h r b 3 4 b 1 5 1 m 2 b b d c 1 2 1 5 0 + 2 0 , - 2 0 % 9 . 0 9 . 5 7 . 5 0 . 6 5 d h r b 3 4 b 2 2 1 m 2 b b d c 1 2 2 2 0 + 2 0 , - 2 0 % 9 . 0 9 . 5 7 . 5 0 . 6 5 d h r b 3 4 b 3 3 1 m 2 b b d c 1 2 3 3 0 + 2 0 , - 2 0 % 1 1 . 0 9 . 5 7 . 5 0 . 6 5 d h r b 3 4 b 4 7 1 m 2 b b d c 1 2 4 7 0 + 2 0 , - 2 0 % 1 2 . 0 9 . 5 7 . 5 0 . 6 5 d h r b 3 4 b 6 8 1 m 2 b b d c 1 2 6 8 0 + 2 0 , - 2 0 % 1 4 . 0 9 . 5 7 . 5 0 . 6 5 d h r b 3 4 b 1 0 2 m 2 b b d c 1 2 1 0 0 0 + 2 0 , - 2 0 % 1 6 . 0 9 . 5 7 . 5 0 . 6 5 d h r b 3 4 c 1 0 1 m 2 b b d c 1 5 1 0 0 + 2 0 , - 2 0 % 8 . 0 9 . 5 8 . 5 0 . 6 5 d h r b 3 4 c 1 5 1 m 2 b b d c 1 5 1 5 0 + 2 0 , - 2 0 % 9 . 0 9 . 5 8 . 2 0 . 6 5 d h r b 3 4 c 2 2 1 m 2 b b d c 1 5 2 2 0 + 2 0 , - 2 0 % 1 0 . 0 9 . 5 8 . 2 0 . 6 5 d h r b 3 4 c 3 3 1 m 2 b b d c 1 5 3 3 0 + 2 0 , - 2 0 % 1 2 . 0 9 . 5 8 . 2 0 . 6 5 d h r b 3 4 c 4 7 1 m 2 b b d c 1 5 4 7 0 + 2 0 , - 2 0 % 1 3 . 0 9 . 5 8 . 2 0 . 6 5 d h r b 3 4 c 6 8 1 m 2 b b d c 1 5 6 8 0 + 2 0 , - 2 0 % 1 5 . 0 9 . 5 8 . 2 0 . 6 5 d h r b 3 4 c 1 0 2 m 2 f b d c 1 5 1 0 0 0 + 2 0 , - 2 0 % 1 8 . 0 1 2 . 7 8 . 2 0 . 8 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
no. 1 item operating temperature range specifications -25 to +100?c testing method 2 capacitance within the specified tolerance. the capacitance should be measured at 20c with 10.2khz and ac 5v(r.m.s.) max. 3 dissipation factor (d.f.) same condition as capacitance. 4 insulation resistance (i.r.) between lead wires 10000m min. the insulation resistance should be measured with dc1000v within 605 sec. of charging. 5 dielectric strength between lead wires body insulation no failure. no failure. the capacitor should not be damaged when dc voltage of 150% of the rated voltage is applied between the lead wires for 605 sec. in insulating liquid or gas. (charge/discharge current v 50ma) the capacitor is placed in the container with metal balls of diameter 1mm so that each lead wire, shortcircuited, is kept approximately 2mm off the metal balls as shown in the figure at right, and dc voltage of 3kv is applied for 10 sec. between capacitor lead wires and metal balls. (charge/discharge current v 50ma) zm b 1.0% max. 2.5% max. 6 temperature characteristics the capacitance measurement should be made at each step specified in table. capacitance change from the value of step 3 should not exceed the limit specified. a p p r o x . 2 m m m e t a l b a l l s temp. char. zm b temp. coefficient or max. cap. change -47001000ppm/?c 10% step char. zm b 1 2 3 4 5 202?c -253?c 202?c 202?c 852?c 852?c 202?c 202?c 7 soldering effect appearance capacitance change dielectric strength (between lead wires) no marked defect. within 10% no failure. the lead wires should be immersed into the melted solder of 35010?c up to about 1.5 to 2.0mm from the main body for 3.50.5 sec. post-treatment: capacitor should be stored for 242 hrs. at *room condition. 8 humidity (under steady state) appearance capacitance change d.f. i.r. dielectric strength (between lead wires) no marked defect. within 10% 5000m min. no failure. set the capacitor for 2408 hrs. at 402?c in 90 to 95% relative humidity. post-treatment: capacitor should be stored for 1 to 2 hrs. at *room condition. zm b 1.5% max. 4.0% max. zm b 1.5% max. 4.0% max. 9 life appearance capacitance change d.f. i.r. dielectric strength (between lead wires) no marked defect. within 10% 5000m min. no failure apply a dc voltage of 125% of the rated voltage for 1000 +48 -0 hrs. in silicon oil at 852?c. post-treatment: capacitor should be stored for 242 hrs. at *room condition. (charge/discharge current v 50ma) c o n t i n u e d o n t h e f o l l o w i n g p a g e . (note) tests for dielectric strength (between lead wires), charge discharge test, humidity, temperature cycle and life should b e performed with specimens having molded resin (mr1023c : made by murata) extending over 3mm on all the surface. * "room condition" temperature: 15 to 35 d , relative humidity: 45 to 75%, atmospheric pressure: 86 to 106kpa s p e c i f i c a t i o n s a n d t e s t m e t h o d s 5 1 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
no. item specifications testing method 10 charge discharge test appearance capacitance change d.f. i.r. dielectric strength (between lead wires) no marked defect. within 10% 5000m min. no failure. charge discharge test should be measured in the following test circuit and cycle. applied voltage : rated voltage cycle time : 20000 cycle post-treatment : capacitor should be stored for 4 hrs. at *room condition. cx : specimen r 1 : circuit protective resistor (300k ) c 0 : supplied energy for cx. c 0 . = . 10cx r 2 : current limitting resistor (e/10 ) e : direct-current voltage source zm b 1.5% max. 4.0% max. e r 1 r 2 s w c 0 c x 1 1 2 c h a r g e d i s c h a r g e ( s e c . ) 2 11 temperature cycle appearance capacitance change d.f. i.r. dielectric strength (between lead wires) no marked defect. within 10% 5000m min. no failure. temperature cycle should be measured in the following test. cycle time : 5 cycle post-treatment : capacitor should be stored for 4 hrs. at *room condition. zm b 1.5% max. 4.0% max. 3 0 3 0 - 3 0 ? c + 1 0 0 ? c ( m i n ) 12 strength of lead pull bending lead wire should not be cut off. capacitor should not be broken. each lead wire should be subjected to 5n of weight and bent 90? at the point of egress, in one direciton, then returned to its original position and bent 90? in the opposite direction at the rate of one bend in 2 to 3 sec. as shown in the figure at right, fix the body of the capacitor and apply a tensile weight gradually to each lead wire in the radial direction of the capacitor up to 10n and keep it for 10 1 sec. w 13 solderability of leads lead wire should be soldered with uniform coating on the axial direction over 3 4 C of the circumferential direction. the lead wire of a capacitor should be dipped into a 25% methanol solution of rosin and then into molten solder of 235 5?c for 2 0.5 sec. in both cases the depth of dipping is up to about 1.5 to 2.0mm from the root of lead wires. (note) tests for dielectric strength (between lead wires), charge discharge test, humidity, temperature cycle and life should b e performed with specimens having molded resin (mr1023c : made by murata) extending over 3mm on all the surface. * "room condition" temperature: 15 to 35 d , relative humidity: 45 to 75%, atmospheric pressure: 86 to 106kpa c o n t i n u e d f r o m t h e p r e c e d i n g p a g e . s p e c i f i c a t i o n s a n d t e s t m e t h o d s 6 1 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
t y p i c a l c h a r a c t e r i s t i c s d a t a / p a c k a g i n g 7 1 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . n c a p . - t e m p . c h a r . z m c h a r a c t e r i s t i c s 4 0 2 0 0 - 2 0 - 4 0 c a p . c h a n g e ( % ) - 4 0 - 2 0 0 2 0 t e m p e r a t u r e ( ? c ) 4 0 6 0 8 0 1 0 0 b c h a r a c t e r i s t i c s 2 0 1 0 0 - 1 0 - 2 0 c a p . c h a n g e ( % ) - 4 0 - 2 0 0 2 0 t e m p e r a t u r e ( ? c ) 4 0 6 0 8 0 1 0 0 n c a p . - d c b i a s c h a r . z m c h a r a c t e r i s t i c s 2 0 1 0 0 - 1 0 - 2 0 - 3 0 - 4 0 c a p . c h a n g e ( % ) 0 1 0 8 6 4 1 4 1 2 2 d c - b i a s ( k v ) 1 6 d c 1 5 k v d c 1 0 k v d c 1 2 k v b c h a r a c t e r i s t i c s 2 0 0 - 4 0 - 2 0 - 6 0 - 8 0 c a p . c h a n g e ( % ) 0 1 0 8 6 4 1 4 1 2 2 d c - b i a s ( k v ) 1 6 d c 1 5 k v d c 1 0 k v d c 1 2 k v n p a c k a g i n g s t y l e s b u l k p o l y e t h y l e n e b a g m i n i m u m q u a n t i t y ( o r d e r i n s e t s o n l y ) m i n i m u m o r d e r q u a n t i t y 2 0 0 ( p c s . ) 2 0 0 ( p c s . ) " m i n i m u m q u a n t i t y " m e a n s t h e n u m b e r o f u n i t s o f e a c h d e l i v e r y o r o r d e r . t h e q u a n t i t y s h o u l d b e a n i n t e g r a l m u l t i p l e o f t h e " m i n i m u m q u a n t i t y " . ( p l e a s e n o t e t h a t t h e a c t u a l d e l i v e r y q u a n t i t y i n a p a c k a g e m a y c h a n g e s o m e t i m e s . ) n e x a m p l e f b t ( h v ) a n o d e o f c r t d h r c a p a c i t o r ( g n d ) d h r c a p a c i t o r please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
d h r s e r i e s ! c a u t i o n / n o t i c e 8 1 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . n ! c a u t i o n ( r a t i n g ) w h e n d c - r a t e d c a p a c i t o r s a r e t o b e u s e d i n a c o r r i p p l e c u r r e n t c i r c u i t s , b e s u r e t o m a i n t a i n t h e v p - p v a l u e o f t h e a p p l i e d v o l t a g e o r t h e v o - p w h i c h c o n t a i n s d c b i a s w i t h i n t h e r a t e d v o l t a g e r a n g e . w h e n t h e v o l t a g e i s a p p l i e d t o t h e c i r c u i t , s t a r t i n g o r s t o p p i n g m a y g e n e r a t e i r r e g u l a r v o l t a g e f o r a t r a n s i t p e r i o d b e c a u s e o f r e s o n a n c e o r s w i t c h i n g . b e s u r e t o u s e a c a p a c i t o r w i t h a r a t e d v o l t a g e r a n g e t h a t i n c l u d e s t h e s e i r r e g u l a r v o l t a g e s . v o l t a g e p o s i t i o n a l m e a s u r e m e n t d c v o l t a g e d c + a c v o l t a g e a c v o l t a g e p u l s e v o l t a g e ( 1 ) p u l s e v o l t a g e ( 2 ) v 0 - p v 0 - p v p - p v p - p v p - p 1 . o p e r a t i n g v o l t a g e k e e p t h e s u r f a c e t e m p e r a t u r e o f a c a p a c i t o r b e l o w t h e u p p e r l i m i t o f i t s r a t e d o p e r a t i n g t e m p e r a t u r e r a n g e . b e s u r e t o t a k e i n t o a c c o u n t t h e h e a t g e n e r a t e d b y t h e c a p a c i t o r i t s e l f . w h e n t h e c a p a c i t o r i s u s e d i n a h i g h - f r e q u e n c y c u r r e n t , p u l s e c u r r e n t o r s i m i l a r c u r r e n t , i t m a y s e l f - g e n e r a t e h e a t d u e t o d i e l e c t r i c l o s s . t h e a p p l i e d v o l t a g e l o a d s h o u l d b e s u c h t h a t t h e c a p a c i t o r ' s s e l f - g e n e r a t e d h e a t i s w i t h i n 1 0 c a t a n a t m o s p h e r e t e m p e r a t u r e o f 2 5 c . w h e n m e a s u r i n g , u s e a t h e r m o c o u p l e o f s m a l l t h e r m a l c a p a c i t y - k o f ? 0 . 1 m m i n c o n d i t i o n s w h e r e t h e c a p a c i t o r i s n o t a f f e c t e d b y r a d i a n t h e a t f r o m o t h e r c o m p o n e n t s o r s u r r o u n d i n g a m b i e n t f l u c t u a t i o n s . e x c e s s i v e h e a t m a y l e a d t o d e t e r i o r a t i o n o f t h e c a p a c i t o r ' s c h a r a c t e r i s t i c s a n d r e l i a b i l i t y . ( n e v e r a t t e m p t t o p e r f o r m m e a s u r e m e n t w i t h t h e c o o l i n g f a n r u n n i n g . o t h e r w i s e , a c c u r a t e m e a s u r e m e n t c a n n o t b e e n s u r e d . ) f a i l u r e t o f o l l o w t h e a b o v e c a u t i o n s m a y r e s u l t , w o r s t c a s e , i n a s h o r t c i r c u i t a n d c a u s e f u m i n g o r p a r t i a l d i s p e r s i o n w h e n t h e p r o d u c t i s u s e d . 2 . o p e r a t i n g t e m p e r a t u r e a n d s e l f - g e n e r a t e d h e a t n ! c a u t i o n ( s t o r a g e a n d o p e r a t i o n c o n d i t i o n ) o p e r a t i n g a n d s t o r a g e e n v i r o n m e n t t h e i n s u l a t i n g c o a t i n g o f c a p a c i t o r s d o e s n o t f o r m a p e r f e c t s e a l ; t h e r e f o r e , d o n o t u s e o r s t o r e c a p a c i t o r s i n a c o r r o s i v e a t m o s p h e r e , e s p e c i a l l y w h e r e c h l o r i d e g a s , s u l f i d e g a s , a c i d , a l k a l i , s a l t o r t h e l i k e a r e p r e s e n t . a n d a v o i d e x p o s u r e t o m o i s t u r e . t h e c a p a c i t o r i s d e s i g n e d t o b e u s e d i n i n s u l a t i n g m e d i a , s u c h a s e p o x y r e s i n , s i l i c o n e o i l , e t c . t h e r e m u s t b e 3 m m o r m o r e o f i n s u l a t i n g m e d i a f o r e a c h d i r e c t i o n o f t h e c a p a c i t o r . b e f o r e c l e a n i n g , b o n d i n g , o r m o l d i n g t h i s p r o d u c t , v e r i f y t h a t t h e s e p r o c e s s e s d o n o t a f f e c t p r o d u c t q u a l i t y b y t e s t i n g t h e p e r f o r m a n c e o f a c l e a n e d , b o n d e d o r m o l d e d p r o d u c t i n t h e i n t e n d e d e q u i p m e n t . s t o r e t h e c a p a c i t o r s w h e r e t h e t e m p e r a t u r e a n d r e l a t i v e h u m i d i t y d o n o t e x c e e d - 1 0 t o 4 0 d e g r e e s c e n t i g r a d e a n d 1 5 t o 8 5 % . u s e c a p a c i t o r s w i t h i n 6 m o n t h s . f a i l u r e t o f o l l o w t h e a b o v e c a u t i o n s m a y r e s u l t , w o r s t c a s e , i n a s h o r t c i r c u i t a n d c a u s e f u m i n g o r p a r t i a l d i s p e r s i o n w h e n t h e p r o d u c t i s u s e d . please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
d h r s e r i e s ! c a u t i o n / n o t i c e 9 1 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . n ! c a u t i o n ( s o l d e r i n g a n d m o u n t i n g ) 1 . v i b r a t i o n a n d i m p a c t d o n o t e x p o s e a c a p a c i t o r o r i t s l e a d s t o e x c e s s i v e s h o c k o r v i b r a t i o n d u r i n g u s e . 2 . s o l d e r i n g w h e n s o l d e r i n g t h i s p r o d u c t t o a p c b / p w b , d o n o t e x c e e d t h e s o l d e r h e a t r e s i s t a n c e s p e c i f i c a t i o n o f t h e c a p a c i t o r . s u b j e c t i n g t h i s p r o d u c t t o e x c e s s i v e h e a t i n g c o u l d m e l t t h e i n t e r n a l j u n c t i o n s o l d e r a n d m a y r e s u l t i n t h e r m a l s h o c k s t h a t c a n c r a c k t h e c e r a m i c e l e m e n t . w h e n s o l d e r i n g c a p a c i t o r w i t h a s o l d e r i n g i r o n , i t s h o u l d b e p e r f o r m e d i n f o l l o w i n g c o n d i t i o n s . t e m p e r a t u r e o f i r o n - t i p : 4 0 0 d e g r e e s c . m a x . s o l d e r i n g i r o n w a t t a g e : 5 0 w m a x . s o l d e r i n g t i m e : 3 . 5 s e c . m a x . f a i l u r e t o f o l l o w t h e a b o v e c a u t i o n s m a y r e s u l t , w o r s t c a s e , i n a s h o r t c i r c u i t a n d c a u s e f u m i n g o r p a r t i a l d i s p e r s i o n w h e n t h e p r o d u c t i s u s e d . n ! c a u t i o n ( h a n d l i n g ) v i b r a t i o n a n d i m p a c t d o n o t e x p o s e a c a p a c i t o r o r i t s l e a d s t o e x c e s s i v e s h o c k o r v i b r a t i o n d u r i n g u s e . f a i l u r e t o f o l l o w t h e a b o v e c a u t i o n s m a y r e s u l t , w o r s t c a s e , i n a s h o r t c i r c u i t a n d c a u s e f u m i n g o r p a r t i a l d i s p e r s i o n w h e n t h e p r o d u c t i s u s e d . n n o t i c e ( s o l d e r i n g a n d m o u n t i n g ) c l e a n i n g ( u l t r a s o n i c c l e a n i n g ) t o p e r f o r m u l t r a s o n i c c l e a n i n g , o b s e r v e t h e f o l l o w i n g c o n d i t i o n s . r i n s e b a t h c a p a c i t y : o u t p u t o f 2 0 w a t t s p e r l i t e r o r l e s s . r i n s i n g t i m e : 5 m i n m a x i m u m . d o n o t v i b r a t e t h e p c b / p w b d i r e c t l y . e x c e s s i v e u l t r a s o n i c c l e a n i n g m a y l e a d t o f a t i g u e d e s t r u c t i o n o f t h e l e a d w i r e s . n n o t i c e ( r a t i n g ) c a p a c i t a n c e c h a n g e o f c a p a c i t o r 1 . c l a s s 1 c a p a c i t o r s c a p a c i t a n c e m i g h t c h a n g e a l i t t l e d e p e n d i n g o n t h e s u r r o u n d i n g t e m p e r a t u r e o r a n a p p l i e d v o l t a g e . p l e a s e c o n t a c t u s i f y o u i n t e n d t o u s e t h i s p r o d u c t i n a s t r i c t t i m e c o n s t a n t c i r c u i t . 2 . c l a s s 2 a n d 3 c a p a c i t o r s c l a s s 2 a n d 3 c a p a c i t o r s w i t h t e m p e r a t u r e c h a r a c t e r i s t i c s b , e a n d f h a v e a n a g i n g c h a r a c t e r i s t i c , w h e r e b y t h e c a p a c i t o r c o n t i n u a l l y d e c r e a s e s i t s c a p a c i t a n c e s l i g h t l y i f t h e c a p a c i t o r i s l e f t o n f o r a l o n g t i m e . m o r e o v e r , c a p a c i t a n c e m i g h t c h a n g e g r e a t l y d e p e n d i n g o n t h e s u r r o u n d i n g t e m p e r a t u r e o r a n a p p l i e d v o l t a g e . s o , i t i s n o t l i k e l y t o b e s u i t a b l e f o r u s e i n a t i m e c o n s t a n t c i r c u i t . p l e a s e c o n t a c t u s i f y o u n e e d d e t a i l e d i n f o r m a t i o n . please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
2 10 2 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. high voltage ceramic capacitors dc10-40kv mold type dhs n4700 series (dc10-40kv) murata's high voltage ceramic capacitors, dhs n4700 series, are designed to meet the stringent requirements of high voltage applications. these capacitors are especially appropriate for applications which require a low dissipation factor and a small voltage coefficient. features 1. epoxy resin encapsulated 2. small size 3. low dissipation factor and low heating value 4. linear temperature characteristic 5. low dc, ac-voltage coefficient applications ?gas laser ?dc hv power supplies ?lightning arresters, voltage distribution systems ?electron microscopes, synchroscopes ?electrostatic coating machines dc rated voltage (kv) depth of tapped holes (mm) 10, 15 20, 30 40 4 6 8 l 1.5 ? 1.5 (h) (in mm) dhs4e4a561kc2b dhs4e4a122kh2b dhs4e4a282kl2b dhs4e4a502kr2b dhs4e4a802kt2b dhs4e4c371kc2b dhs4e4c112kh2b dhs4e4c192kl2b dhs4e4c342kr2b dhs4e4c532kt2b 560 1200 2800 5000 8000 370 1100 1900 3400 5300 10 20 20 10 10 15 iso m4, p0.7 (metric screw thread) no.8-32, nc-2b (inch screw thread) no.8-32, nc-2b (inch screw thread) iso m4, p0.7 (metric screw thread) 20 30 38 52 60 20 30 38 52 60 16 18 12 14 20 30 38 52 60 20 30 38 52 60 dhs4e4a561mcxb dhs4e4a122mhxb dhs4e4a282mlxb dhs4e4a502mrxb dhs4e4a802mtxb dhs4e4c371mcxb dhs4e4c112mhxb dhs4e4c192mlxb dhs4e4c342mrxb dhs4e4c532mtxb 560 1200 2800 5000 8000 370 1100 1900 3400 5300 continued on the following page. part number capacitance (pf) capacitance tolerance (%) dc rated voltage (kv) terminal type (screw thread type) dimensions (mm) d lh please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
2 1 1 2 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . d h s 4 e 4 g 1 4 1 k c 2 b d h s 4 e 4 g 4 4 1 k h 2 b d h s 4 e 4 g 7 0 1 k l 2 b d h s 4 e 4 g 1 3 2 k r 2 b d h s 4 e 4 g 2 0 2 k t 2 b 1 4 0 4 4 0 7 0 0 1 3 0 0 2 0 0 0 2 0 2 0 1 0 4 0 n o . 8 - 3 2 , n c - 2 b ( i n c h s c r e w t h r e a d ) n o . 8 - 3 2 , n c - 2 b ( i n c h s c r e w t h r e a d ) i s o m 4 , p 0 . 7 ( m e t r i c s c r e w t h r e a d ) 2 0 3 0 3 8 5 2 6 0 3 6 3 2 2 0 3 0 3 8 5 2 6 0 2 0 3 0 3 8 5 2 6 0 d h s 4 e 4 f 1 9 1 m c x b d h s 4 e 4 f 5 9 1 m h x b d h s 4 e 4 f 9 4 1 m l x b d h s 4 e 4 f 1 7 2 m r x b d h s 4 e 4 f 2 7 2 m t x b d h s 4 e 4 g 1 4 1 m c x b d h s 4 e 4 g 4 4 1 m h x b d h s 4 e 4 g 7 0 1 m l x b d h s 4 e 4 g 1 3 2 m r x b d h s 4 e 4 g 2 0 2 m t x b 1 9 0 5 9 0 9 4 0 1 7 0 0 2 7 0 0 1 4 0 4 4 0 7 0 0 1 3 0 0 2 0 0 0 p a r t n u m b e r c a p a c i t a n c e ( p f ) c a p a c i t a n c e t o l e r a n c e ( % ) d c r a t e d v o l t a g e ( k v ) t e r m i n a l t y p e ( s c r e w t h r e a d t y p e ) d i m e n s i o n s ( m m ) d l h c o n t i n u e d f r o m t h e p r e c e d i n g p a g e . d h s 4 e 4 d 2 8 1 k c 2 b d h s 4 e 4 d 8 8 1 k h 2 b d h s 4 e 4 d 1 4 2 k l 2 b d h s 4 e 4 d 2 5 2 k r 2 b d h s 4 e 4 d 4 0 2 k t 2 b 2 8 0 8 8 0 1 4 0 0 2 5 0 0 4 0 0 0 2 0 1 0 2 0 n o . 8 - 3 2 , n c - 2 b ( i n c h s c r e w t h r e a d ) i s o m 4 , p 0 . 7 ( m e t r i c s c r e w t h r e a d ) 2 0 3 0 3 8 5 2 6 0 2 4 2 0 2 0 3 0 3 8 5 2 6 0 d h s 4 e 4 d 2 8 1 m c x b d h s 4 e 4 d 8 8 1 m h x b d h s 4 e 4 d 1 4 2 m l x b d h s 4 e 4 d 2 5 2 m r x b d h s 4 e 4 d 4 0 2 m t x b 2 8 0 8 8 0 1 4 0 0 2 5 0 0 4 0 0 0 d h s 4 e 4 f 1 9 1 k c 2 b d h s 4 e 4 f 5 9 1 k h 2 b d h s 4 e 4 f 9 4 1 k l 2 b d h s 4 e 4 f 1 7 2 k r 2 b d h s 4 e 4 f 2 7 2 k t 2 b 1 9 0 5 9 0 9 4 0 1 7 0 0 2 7 0 0 1 0 3 0 i s o m 4 , p 0 . 7 ( m e t r i c s c r e w t h r e a d ) 2 0 3 0 3 8 5 2 6 0 2 8 2 4 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
2 1 2 2 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . t y p i c a l c h a r a c t e r i s t i c s d a t a / s p e c i f i c a t i o n s a n d t e s t m e t h o d s 3 0 4 0 2 0 0 2 0 4 0 6 0 8 0 1 0 0 2 0 1 0 2 3 1 0 0 1 0 2 0 3 0 t e m p e r a t u r e ( c ) c a p a c i t a n c e c h a n g e ( % ) d i s s i p a t i o n f a c t o r ( % ) d i s s i p a t i o n f a c t o r c a p a c i t a n c e 1 0 0 8 0 6 0 4 0 2 0 0 2 0 1 0 0 d c r a t e d v o l t a g e ( % ) c a p a c i t a n c e c h a n g e ( % ) c a p a c i t a n c e f r e q u e n c y ( k h z ) 1 0 0 0 1 0 0 1 0 1 6 4 2 0 c a p a c i t a n c e c h a n g e ( % ) 0 2 4 6 d i s s i p a t i o n f a c t o r ( % ) c a p a c i t a n c e d i s s i p a t i o n f a c t o r t e m p e r a t u r e c h a r a c t e r i s t i c t y p i c a l v o l t a g e c o e f f i c i e n t f r e q u e n c y c h a r a c t e r i s t i c i t e m n o s p e c i f i c a t i o n s t e s t i n g m e t h o d o p e r a t i n g t e m p e r a t u r e r a n g e c a p a c i t a n c e t e m p e r a t u r e c h a r a c t e r i s t i c s d i s s i p a t i o n f a c t o r ( d . f . ) d i e l e c t r i c s t r e n g t h i n s u l a t i o n r e s i s t a n c e ( i . r . ) s t r e n g t h o f t e r m i n a l l i f e h u m i d i t y ( u n d e r s t e a d y s t a t e ) 1 2 3 4 5 6 7 8 9 b e t w e e n t e r m i n a l t o r q u e s t r e n g t h a p p e a r a n c e c a p a c i t a n c e c h a n g e d . f . i . r . a p p e a r a n c e c a p a c i t a n c e c h a n g e d . f . i . r . - 2 0 t o + 8 5 c w i t h i n t h e s p e c i f i e d t o l e r a n c e . t e m p e r a t u r e c o e f f i c i e n t - 4 7 0 0 1 0 0 0 p p m / c ( t e m p . r a n g e : + 2 0 t o + 8 5 c ) 0 . 3 % m a x . n o f a i l u r e . 1 0 0 0 0 m m i n . c a p a c i t o r s h o u l d n o t b e b r o k e n . n o m a r k e d d e f e c t . w i t h i n 5 % 1 . 0 % m a x . 1 0 0 0 m m i n . n o m a r k e d d e f e c t . w i t h i n 5 % 1 . 0 % m a x . 1 0 0 0 m m i n . t h e c a p a c i t a n c e s h o u l d b e m e a s u r e d a t 2 0 c w i t h 1 0 . 1 k h z a n d a c 1 t o 5 v ( r . m . s . ) . t h e c a p a c i t a n c e m e a s u r e m e n t s h o u l d b e m a d e a t e a c h s t e p s p e c i f i e d i n t a b l e . c a p a c i t a n c e c h a n g e f r o m t h e v a l u e o f s t e p 3 s h o u l d n o t e x c e e d t h e l i m i t s p e c i f i e d . t h e d i s s i p a t i o n f a c t o r s h o u l d b e m e a s u r e d a t 2 0 c w i t h 1 0 . 1 k h z a n d a c 1 t o 5 v ( r . m . s . ) . t h e c a p a c i t o r s h o u l d n o t b e d a m a g e d w h e n d c v o l t a g e o f 1 5 0 % o f t h e r a t e d v o l t a g e i s a p p l i e d b e t w e e n t h e t e r m i n a l s f o r 6 0 5 s e c . i n i n s u l a t i n g l i q u i d o r g a s . ( c h a r g e / d i s c h a r g e c u r r e n t v 5 0 m a ) t h e i n s u l a t i o n r e s i s t a n c e s h o u l d b e m e a s u r e d w i t h d c 1 0 0 0 v w i t h i n 6 0 5 s e c . o f c h a r g i n g . w h e n m o u n t i n g t h e c a p a c i t o r o n e q u i p m e n t , b e s u r e t o m o u n t t h e m w i t h i n t h e t o r q u e s t r e n g t h v a l u e s s h o w n i n t h e t a b l e b e l o w . a p p l y a d c v o l t a g e o f 1 2 5 % o f t h e r a t e d v o l t a g e f o r 1 0 0 + 2 4 / - 0 h r s . i n s i l i c o n o i l a t 8 5 2 c . p o s t - t r e a t m e n t : c a p a c i t o r s h o u l d b e s t o r e d f o r 2 4 h r s . a t * r o o m c o n d i t i o n . ( c h a r g e / d i s c h a r g e c u r r e n t v 5 0 m a ) s e t t h e c a p a c i t o r f o r 1 0 0 + 2 4 / - 0 h r s . a t 4 0 2 c i n 9 0 t o 9 5 % r e l a t i v e h u m i d i t y . p o s t - t r e a t m e n t : c a p a c i t o r s h o u l d b e s t o r e d f o r 2 4 h r s . a t * r o o m c o n d i t i o n . * " r o o m c o n d i t i o n " t e m p e r a t u r e : 1 5 t o 3 5 c , r e l a t i v e h u m i d i t y : 4 5 t o 7 5 % , a t m o s p h e r i c p r e s s u r e : 8 6 t o 1 0 6 k p a s t e p t e m p . ( c ) 1 2 3 2 0 2 4 8 5 2 5 2 0 2 t e r m i n a l t y p e i s o m 4 , n o . 8 - 3 2 t o r q u e ( n m ) 1 . 5 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
3 1 3 3 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . h i g h v o l t a g e c e r a m i c c a p a c i t o r s d c 1 0 - 4 0 k v m o l d t y p e d h s z 5 v s e r i e s ( d c 2 0 - 4 0 k v ) f e a t u r e s 1 . e p o x y r e s i n e n c a p s u l a t e d 2 . s m a l l s i z e 3 . h i g h l y r e l i a b l e i n t e r n a l c o n s t r u c t i o n 4 . w i d e s e l e c t i o n o f v a l u e s 5 . u p t o d c 4 0 k v w o r k i n g v o l t a g e a p p l i c a t i o n s e l e c t r o s t a t i c c o a t i n g m a c h i n e s e l e c t r o n m i c r o s c o p e s , s y n c h r o s c o p e s c r t p o w e r s u p p l i e s l i g h t n i n g a r r e s t e r v o l t a g e d i s t r i b u t i o n s y s t e m s d c h v p o w e r s u p p l i e s n o . 8 - 3 2 , n c - 2 b ( i n c h s c r e w t h r e a d ) n o . 8 - 3 2 , n c - 2 b ( i n c h s c r e w t h r e a d ) n o . 8 - 3 2 , n c - 2 b ( i n c h s c r e w t h r e a d ) d h s f 4 4 d 6 0 1 z d 2 b d h s f 4 4 d 1 0 2 z h 2 b d h s f 4 4 d 2 4 2 z n 2 b d h s f 4 4 d 3 3 2 z r 2 b d h s f 4 4 d 4 8 2 z t 2 b d h s f 4 4 f 4 6 1 z d 2 b d h s f 4 4 f 7 8 1 z h 2 b d h s f 4 4 f 1 8 2 z n 2 b d h s f 4 4 f 2 5 2 z r 2 b d h s f 4 4 f 3 6 2 z t 2 b d h s f 4 4 g 3 4 1 z d 2 b d h s f 4 4 g 5 7 1 z h 2 b d h s f 4 4 g 1 3 2 z n 2 b d h s f 4 4 g 1 9 2 z r 2 b d h s f 4 4 g 2 7 2 z t 2 b 6 0 0 1 0 0 0 2 4 0 0 3 3 0 0 4 8 0 0 4 6 0 7 8 0 1 8 0 0 2 5 0 0 3 6 0 0 3 4 0 5 7 0 1 3 0 0 1 9 0 0 2 7 0 0 + 8 0 , - 2 0 2 0 3 0 4 0 i s o m 4 , p 0 . 7 ( m e t r i c s c r e w t h r e a d ) i s o m 4 , p 0 . 7 ( m e t r i c s c r e w t h r e a d ) i s o m 4 , p 0 . 7 ( m e t r i c s c r e w t h r e a d ) 2 4 3 0 4 3 5 2 6 0 2 4 3 0 4 3 5 2 6 0 2 4 3 0 4 3 5 2 6 0 2 6 3 4 4 1 2 4 3 2 3 9 2 4 3 0 4 3 5 2 6 0 2 4 3 0 4 3 5 2 6 0 2 4 3 0 4 3 5 2 6 0 d h s f 4 4 d 6 0 1 z d x b d h s f 4 4 d 1 0 2 z h x b d h s f 4 4 d 2 4 2 z n x b d h s f 4 4 d 3 3 2 z r x b d h s f 4 4 d 4 8 2 z t x b d h s f 4 4 f 4 6 1 z d x b d h s f 4 4 f 7 8 1 z h x b d h s f 4 4 f 1 8 2 z n x b d h s f 4 4 f 2 5 2 z r x b d h s f 4 4 f 3 6 2 z t x b d h s f 4 4 g 3 4 1 z d x b d h s f 4 4 g 5 7 1 z h x b d h s f 4 4 g 1 3 2 z n x b d h s f 4 4 g 1 9 2 z r x b d h s f 4 4 g 2 7 2 z t x b 6 0 0 1 0 0 0 2 4 0 0 3 3 0 0 4 8 0 0 4 6 0 7 8 0 1 8 0 0 2 5 0 0 3 6 0 0 3 4 0 5 7 0 1 3 0 0 1 9 0 0 2 7 0 0 p a r t n u m b e r c a p a c i t a n c e ( p f ) c a p a c i t a n c e t o l e r a n c e ( % ) d c r a t e d v o l t a g e ( k v ) t e r m i n a l t y p e ( s c r e w t h r e a d t y p e ) d i m e n s i o n s ( m m ) d l h l 1 . 5 d 1 . 5 ( h ) ( i n m m ) please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
3 1 4 3 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . t y p i c a l c h a r a c t e r i s t i c s d a t a d i s s i p a t i o n f a c t o r a n d c a p a c i t a n c e - t e m p e r a t u r e l i f e d i s s i p a t i o n f a c t o r a n d c a p a c i t a n c e - f r e q u e n c y h u m i d i t y t y p i c a l v o l t a g e c o e f f i c i e n t 6 0 4 0 2 0 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 8 0 6 0 4 0 2 0 0 + 2 0 2 . 0 1 . 0 0 t e m p e r a t u r e ( c ) c a p a c i t a n c e c h a n g e ( % ) d i s s i p a t i o n f a c t o r ( % ) d i s s i p a t i o n f a c t o r c a p a c i t a n c e 1 k h z 1 0 k h z 1 0 0 k h z 1 m h z 4 2 + 2 0 2 . 0 1 . 0 0 f r e q u e n c y c a p a c i t a n c e c h a n g e ( % ) d i s s i p a t i o n f a c t o r ( % ) d i s s i p a t i o n f a c t o r c a p a c i t a n c e c h a n g e 0 2 0 4 0 6 0 8 0 1 0 0 + 1 0 0 1 0 2 0 3 0 4 0 5 0 2 . 0 1 . 0 0 d c r a t e d v o l t a g e ( % ) c a p a c i t a n c e c h a n g e ( % ) d i s s i p a t i o n f a c t o r ( % ) d i s s i p a t i o n f a c t o r c a p a c i t a n c e 0 2 0 0 0 4 0 0 0 2 0 1 0 0 1 0 2 0 2 . 0 1 . 0 0 t i m e ( h ) c a p a c i t a n c e c h a n g e ( % ) d i s s i p a t i o n f a c t o r ( % ) d . f . c l i f e c a p a c i t a n c e & d . f . v s t i m e t e s t v o l t a g e : d c 1 5 k v t e m p . : 8 5 c 0 1 0 0 2 0 0 3 0 0 4 0 0 2 0 1 0 0 1 0 2 0 2 . 0 1 . 0 0 t i m e ( h ) c a p a c i t a n c e c h a n g e ( % ) d i s s i p a t i o n f a c t o r ( % ) d . f . c h u m i d i t y c a p a c i t a n c e & d . f . v s c y c l e s t e s t v o l t a g e : d c 1 5 k v t e m p . : 6 0 c r e l a t i v e h u m i d i t y : 9 0 - 9 5 % please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
3 1 5 3 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . s p e c i f i c a t i o n s a n d t e s t m e t h o d s i t e m n o s p e c i f i c a t i o n s t e s t i n g m e t h o d o p e r a t i n g t e m p e r a t u r e r a n g e c a p a c i t a n c e t e m p e r a t u r e c h a r a c t e r i s t i c s d i s s i p a t i o n f a c t o r ( d . f . ) d i e l e c t r i c s t r e n g t h i n s u l a t i o n r e s i s t a n c e ( i . r . ) s t r e n g t h o f t e r m i n a l l i f e h u m i d i t y ( u n d e r s t e a d y s t a t e ) 1 2 3 4 5 6 7 8 9 b e t w e e n t e r m i n a l t o r q u e s t r e n g t h a p p e a r a n c e c a p a c i t a n c e c h a n g e d . f . i . r . a p p e a r a n c e c a p a c i t a n c e c h a n g e d . f . i . r . - 2 0 t o + 8 5 c w i t h i n t h e s p e c i f i e d t o l e r a n c e . c a p a c i t a n c e c h a n g e + 2 2 % / - 8 2 % ( t e m p . r a n g e : + 1 0 t o + 8 5 c ) 1 . 5 % m a x . n o f a i l u r e . 1 0 0 0 0 m m i n . c a p a c i t o r s h o u l d n o t b e b r o k e n . n o m a r k e d d e f e c t . w i t h i n 2 0 % 5 . 0 % m a x . 1 0 0 0 m m i n . n o m a r k e d d e f e c t . w i t h i n 2 0 % 5 . 0 % m a x . 1 0 0 0 m m i n . t h e c a p a c i t a n c e s h o u l d b e m e a s u r e d a t 2 5 c w i t h 1 0 . 1 k h z a n d a c 1 t o 5 v ( r . m . s . ) . t h e c a p a c i t a n c e m e a s u r e m e n t s h o u l d b e m a d e a t e a c h s t e p s p e c i f i e d i n t a b l e . c a p a c i t a n c e c h a n g e f r o m t h e v a l u e o f s t e p 3 s h o u l d n o t e x c e e d t h e l i m i t s p e c i f i e d . t h e d i s s i p a t i o n f a c t o r s h o u l d b e m e a s u r e d a t 2 5 c w i t h 1 0 . 1 k h z a n d a c 1 t o 5 v ( r . m . s . ) . t h e c a p a c i t o r s h o u l d n o t b e d a m a g e d w h e n d c v o l t a g e o f 1 5 0 % o f t h e r a t e d v o l t a g e i s a p p l i e d b e t w e e n t h e t e r m i n a l s f o r 6 0 5 s e c . i n i n s u l a t i n g l i q u i d o r g a s . ( c h a r g e / d i s c h a r g e c u r r e n t v 5 0 m a ) t h e i n s u l a t i o n r e s i s t a n c e s h o u l d b e m e a s u r e d w i t h d c 1 0 0 0 v w i t h i n 6 0 5 s e c . o f c h a r g i n g . w h e n m o u n t i n g t h e c a p a c i t o r s o n e q u i p m e n t , b e s u r e t o m o u n t t h e m w i t h i n t h e t o r q u e s t r e n g t h v a l u e s s h o w n i n t h e t a b l e b e l o w . a p p l y a d c v o l t a g e o f 1 2 5 % o f t h e r a t e d v o l t a g e f o r 1 0 0 + 2 4 / - 0 h r s . i n s i l i c o n o i l a t 8 5 2 c . p o s t - t r e a t m e n t : c a p a c i t o r s h o u l d b e s t o r e d f o r 2 4 h r s . a t * r o o m c o n d i t i o n . ( c h a r g e / d i s c h a r g e c u r r e n t v 5 0 m a ) s e t t h e c a p a c i t o r f o r 1 0 0 + 2 4 / - 0 h r s . a t 4 0 2 c i n 9 0 t o 9 5 % r e l a t i v e h u m i d i t y . p o s t - t r e a t m e n t : c a p a c i t o r s h o u l d b e s t o r e d f o r 2 4 h r s . a t * r o o m c o n d i t i o n . * " r o o m c o n d i t i o n " t e m p e r a t u r e : 1 5 t o 3 5 c , r e l a t i v e h u m i d i t y : 4 5 t o 7 5 % , a t m o s p h e r i c p r e s s u r e : 8 6 t o 1 0 6 k p a s t e p t e m p . ( c ) 1 2 5 2 2 - 2 0 3 3 2 5 2 4 8 5 2 5 2 5 2 t e r m i n a l t y p e i s o m 4 , n o . 8 - 3 2 t o r q u e ( n m ) 1 . 5 please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
3 1 6 3 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . c a u t i o n 1 . o p e r a t i n g v o l t a g e w h e n d c - r a t e d c a p a c i t o r s a r e t o b e u s e d i n a c o r r i p p l e c u r r e n t c i r c u i t s , b e s u r e t o m a i n t a i n t h e v p - p v a l u e o f t h e a p p l i e d v o l t a g e o r t h e v o - p w h i c h c o n t a i n s d c b i a s w i t h i n t h e r a t e d v o l t a g e r a n g e . w h e n t h e v o l t a g e i s a p p l i e d t o t h e c i r c u i t , s t a r t i n g o r s t o p p i n g m a y g e n e r a t e i r r e g u l a r v o l t a g e f o r a t r a n s i t p e r i o d b e c a u s e o f r e s o n a n c e o r s w i t c h i n g . b e s u r e t o u s e a c a p a c i t o r w i t h a r a t e d v o l t a g e r a n g e t h a t i n c l u d e s t h e s e i r r e g u l a r v o l t a g e s . 2 . o p e r a t i n g t e m p e r a t u r e a n d s e l f - g e n e r a t e d h e a t k e e p t h e s u r f a c e t e m p e r a t u r e o f a c a p a c i t o r b e l o w t h e u p p e r l i m i t o f i t s r a t e d o p e r a t i n g t e m p e r a t u r e r a n g e . b e s u r e t o t a k e i n t o a c c o u n t t h e h e a t g e n e r a t e d b y t h e c a p a c i t o r i t s e l f . w h e n t h e c a p a c i t o r i s u s e d i n a h i g h - f r e q u e n c y c u r r e n t , p u l s e c u r r e n t o r s i m i l a r c u r r e n t , i t m a y s e l f - g e n e r a t e h e a t d u e t o d i e l e c t r i c l o s s . t h e a p p l i e d v o l t a g e l o a d s h o u l d b e s u c h t h a t t h e c a p a c i t o r ' s s e l f - g e n e r a t e d h e a t i s w i t h i n 1 0 c a t a n a t m o s p h e r e t e m p e r a t u r e o f 2 5 c . w h e n m e a s u r i n g , u s e a t h e r m o c o u p l e o f s m a l l t h e r m a l c a p a c i t y - k o f 0 . 1 m m i n c o n d i t i o n s w h e r e t h e c a p a c i t o r i s n o t a f f e c t e d b y r a d i a n t h e a t f r o m o t h e r c o m p o n e n t s o r s u r r o u n d i n g a m b i e n t f l u c t u a t i o n s . e x c e s s i v e h e a t m a y l e a d t o d e t e r i o r a t i o n o f t h e c a p a c i t o r ' s c h a r a c t e r i s t i c s a n d r e l i a b i l i t y . ( n e v e r a t t e m p t t o p e r f o r m m e a s u r e m e n t w i t h t h e c o o l i n g f a n r u n n i n g . o t h e r w i s e , a c c u r a t e m e a s u r e m e n t c a n n o t b e e n s u r e d . ) 3 . i n s t a l l a t i o n i n s t a l l a t i o n t o r q u e s h o u l d n o t e x c e e d t h e t o r q u e s t r e n g t h v a l u e s i n " s p e c i f i c a t i o n s a n d t e s t m e t h o d s " . d o n o t u s e a s c r e w w i t h a t h r e a d d e p t h g r e a t e r t h a n s p e c i f i e d . a v o i d i n s t a l l a t i o n i n w h i c h a n y b e n d i n g t o r q u e i s a p p l i e d t o t h e c a p a c i t o r t e r m i n a l . d o n o t r e w o r k o r r e s o l d e r t h e t e r m i n a l . 4 . o p e r a t i n g a n d s t o r a g e e n v i r o n m e n t t h e i n s u l a t i n g c o a t i n g o f c a p a c i t o r s d o e s n o t f o r m a p e r f e c t s e a l ; t h e r e f o r e , d o n o t u s e o r s t o r e c a p a c i t o r s i n a c o r r o s i v e a t m o s p h e r e , e s p e c i a l l y w h e r e c h l o r i d e g a s , s u l f i d e g a s , a c i d , a l k a l i , s a l t o r t h e l i k e a r e p r e s e n t . a n d a v o i d e x p o s u r e t o m o i s t u r e . b e f o r e c l e a n i n g , b o n d i n g , o r m o l d i n g t h i s p r o d u c t , v e r i f y t h a t t h e s e p r o c e s s e s d o n o t a f f e c t p r o d u c t q u a l i t y b y t e s t i n g t h e p e r f o r m a n c e o f a c l e a n e d , b o n d e d o r m o l d e d p r o d u c t i n t h e i n t e n d e d e q u i p m e n t . s t o r e t h e c a p a c i t o r s w h e r e t h e t e m p e r a t u r e a n d r e l a t i v e h u m i d i t y d o n o t e x c e e d 1 0 t o 4 0 c a n d 1 5 t o 8 5 % . u s e c a p a c i t o r s w i t h i n 6 m o n t h s . 5 . v i b r a t i o n a n d i m p a c t d o n o t e x p o s e a c a p a c i t o r t o e x c e s s i v e s h o c k o r v i b r a t i o n d u r i n g u s e . f a i l u r e t o f o l l o w t h e a b o v e c a u t i o n s m a y r e s u l t , w o r s t c a s e , i n a s h o r t c i r c u i t a n d c a u s e f u m i n g o r p a r t i a l d i s p e r s i o n w h e n t h e p r o d u c t i s u s e d . d h s s e r i e s ! c a u t i o n a n d n o t i c e p u l s e v o l t a g e ( 2 ) p u l s e v o l t a g e ( 1 ) a c v o l t a g e d c + a c v o l t a g e d c v o l t a g e p o s i t i o n a l m e a s u r e m e n t v o l t a g e v o - p v o - p v p - p v p - p v p - p please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
3 1 7 3 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . d h s s e r i e s ! c a u t i o n a n d n o t i c e n o t i c e c a p a c i t a n c e c h a n g e o f c a p a c i t o r c l a s s 1 c a p a c i t o r s c a p a c i t a n c e m i g h t c h a n g e a l i t t l e d e p e n d i n g o n t h e s u r r o u n d i n g t e m p e r a t u r e o r a n a p p l i e d v o l t a g e . p l e a s e c o n t a c t u s i f y o u i n t e n d t o u s e t h i s p r o d u c t i n a s t r i c t t i m e c o n s t a n t c i r c u i t . c l a s s 2 a n d 3 c a p a c i t o r s c l a s s 2 a n d 3 c a p a c i t o r s w i t h t e m p e r a t u r e c h a r a c t e r i s t i c s b , e a n d f h a v e a n a g i n g c h a r a c t e r i s t i c , w h e r e b y t h e c a p a c i t o r c o n t i n u a l l y d e c r e a s e s i t s c a p a c i t a n c e s l i g h t l y i f t h e c a p a c i t o r i s l e f t o n f o r a l o n g t i m e . m o r e o v e r , c a p a c i t a n c e m i g h t c h a n g e g r e a t l y d e p e n d i n g o n t h e s u r r o u n d i n g t e m p e r a t u r e o r a n a p p l i e d v o l t a g e . s o , i t i s n o t l i k e l y t o b e s u i t a b l e f o r u s e i n a t i m e c o n s t a n t c i r c u i t . p l e a s e c o n t a c t u s i f y o u n e e d d e t a i l e d i n f o r m a t i o n . please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
1 2 3 4 1 8 1 2 3 4 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . i s o 9 0 0 0 c e r t i f i c a t i o n s i z u m o m u r a t a m a n u f a c t u r i n g c o . , l t d . p l a n t f e b . 1 . ' 0 0 c e r t i f i e d d a t e u n d e r w r i t e r s l a b o r a t o r i e s i n c . o r g a n i z a t i o n a 5 5 8 7 r e g i s t r a t i o n n o . i s o 9 0 0 1 m u r a t a e l e c t r o n i c s ( t h a i l a n d ) , l t d . a p r . 8 . ' 0 2 u n d e r w r i t e r s l a b o r a t o r i e s i n c . a 6 2 7 9 i s o 9 0 0 1 a p p l i e d s t a n d a r d m a n u f a c t u r i n g p l a n t s w h i c h p r o d u c e t h e p r o d u c t s i n t h i s c a t a l o g h a v e o b t a i n e d t h e i s o 9 0 0 0 q u a l i t y s y s t e m c e r t i f i c a t e . please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16
note: 1. export control < for customers outside japan > no murata products should be used or sold, through any channels, for use in the design, development, production, utilization, m aintenance or operation of, or otherwise contribution to (1) any weapons (weapons of mass destruction (nuclear, chemical or biological weapons or missiles) or conventional weapons) or (2) goods or systems specially designed or intended for military end-use or utilization by military end-users. < for customers in japan > for products which are controlled items subject to the foreign exchange and foreign trade law of japan, the export license sp ecified by the law is required for export. 2. please contact our sales representatives or product engineers before using the products in this catalog for the applications listed below, which require especially high reliability for the prevention of defects which might directly damage a third party's life, body or property, or when one of our products is intended for use in applications other than those specified in this catalog. q aircraft equipment w aerospace equipment e undersea equipment r power plant equipment t medical equipment y transportation equipment (vehicles, trains, ships, etc.) u traffic signal equipment i disaster prevention / crime prevention equipment o data-processing equipment !0 application of similar complexity and/or reliability requirements to the applications listed above 3. product specifications in this catalog are as of april 2003. they are subject to change or our products in it may be disconti nued without advance notice. please check with our sales representatives or product engineers before ordering. if there are any questions, please contact our sales representatives or product engineers. 4. please read rating and caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to pre vent smoking and/or burning, etc. 5. this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 6. please note that unless otherwise specified, we shall assume no responsibility whatsoever for any conflict or dispute that ma y occur in connection with the effect of our and/or a third party's intellectual property rights and other related rights in consideration of your use of our product s and/or information described or contained in our catalogs. in this connection, no representation shall be made to the effect that any third parties are authori zed to use the rights mentioned above under licenses without our consent. 7. no ozone depleting substances (ods) under the montreal protocol are used in our manufacturing process. international division 3-29-12, shibuya, shibuya-ku, tokyo 150-0002, japan phone: 81-3-5469-6123 fax: 81-3-5469-6155 e-mail: intl@murata.co.jp head office 1-10-1, higashi kotari, nagaokakyo-shi, kyoto 617-8555, japan phone: 81-75-951-9111 http://www.murata.com/ please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this pdf catalog to prevent smoking and/or burnin g, etc. this catalog has only typical specifications. therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering. ! note c41e2.pdf 03.4.16


▲Up To Search▲   

 
Price & Availability of DHRB34A102M2BB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X